Part Number Hot Search : 
MSM6411A LM555N DQ1280 MPS65 RN1CE K1005 10900 22R474
Product Description
Full Text Search
 

To Download EEETK1E101P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) a0.2 w ( ) reference size l 0 d0.5 h b0.2 (i) k (p) (i) + ? 0.3 max. pressure relief ( 0 10 and larger) 220 tk a capacitance (f) rated voltage code series identi?cation lot number negative polaritymarking (?) mark for lead-free products (black dot) endurance : 125 c 3000 h low esr at ?40 c (50 % lower than tg series) added esr speci? cation after the endurance test vibration-proof product is available upon request. rohs compliant features speci cations surface mount type series : tk type : v frequency correction factor for ripple current category temperature range ?40 c to +125 c rated voltage range 10 v.dc to 35 v.dc capacitance range 47 f to 470 f capacitance tolerance 20 % (120 hz/+20 c) leakage cur rent i < 0.01 cv after 2 minutes dissipation factor (tan ) please see the attached characteristics list characteristics at low temperature v.dc 10 16 25 35 (impedance ratio at 120 hz) z(?25 c)/z(+20 c) 3222 z(?40 c)/z(+20 c) 4333 endurance after the life test with dc rated woking voltage at +125 c 2 c for 3000 hours, the capacitors shall meet the limits speci? ed below. capacitance change within 30 % of the initial value (code u : 35 %) tan < 300 % of the initial limit (code u : 350 %) dc leakage current within the initial limit shelf life after storage for 1000 hours at +125 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) esr after the life test after the life test with dc rated working voltage at +125 c2 c for 3000 hours, esr value shall meet the speci? ed below. after 1000 hours 20 c < 150 % of the initial limit ?40 c < 200 % of the initial limit after 2000 hours 20 c < 300 % of the initial limit ?40 c < 400 % of the initial limit after 3000 hours 20 c < 1000 % of the initial limit ?40 c < 1500 % of the initial limit aec-q200 aec-q200 compliant example : 10 v.dc 220 f marking color : black size code 0 d l a, b h i w p k f 8.0 10.20.3 8.3 10.0 max. 3.4 0.900.2 3.1 0.700.2 g 10.0 10.20.3 10.3 12.0 max. 3.5 0.900.2 4.6 0.700.2 dimensions marking (unit : mm) r. voltage (v.dc) 10 16 25 35 code acev frequency (hz) 120 1 k 10 k 100 k to correction factor 0.65 0.85 0.95 1.00 mar. 2016 04 downloaded from: http:///
$oxplqxp(ohfwuro\wlf &dsdflwruv 60'7\sh t 7khvl]hdqgvkdshduhgliihuh qwiurpvwdqgdugsurgxfwv3ohd vhlqtxluhghwdlovrirxufrpsdq\ 6l]hfrgh''! 6l]hfrgh()*+-..! 8qlw 7khflufxlwerdugodqgsdgsdwwhuq vl]hirufklsfdsdflwruvlv vshflilhglqwkhi roorzlqjwdeoh 7khodqgslwfklqioxhqfhvlqvwdoodwlrqvwuhqjwkdqgfrqvlghulw  b7deohrierdugodqgvl]hyvfdsdflwruvl]hc 8qlw t6wdqgdug s urgxfwv t9leudwlrqsurrisurgxfwv :khqvl]hnd|lvzlghedfniloohwfdqehpdghghfuhdvlqjil wwlqjvwuhqjwk 6l]hfrgh''! b7deohrierdugodqgvl]hyvfdsdflwruvl]hc 8qlw 6l]hfrgh()*+-.! :khqvl]hn$|lvzlghedfniloohwfdqehpdghghfuhdvlqjil wwlqjvwuhqjwk n7dnhprxqwlqjfrqglwlrqvvroghudelolw\dqgilwwlqjvwuhqjwklqwrfrqvlghudwlrq zkhqvhohfwlqjsduwviru\rxufrpsdq\bvghvljq n7khyleudwlrqsurrifdsdflwruvrivl]hkdvvxssruwwhupl qdovh[whqglqj iurpwkherwwrpvlghwrwkhohdghgjh7khqpdnhvxuhwrilqg dssursuldwh vroghulqjfrqglwlrqvwrirupiloohwrqwkhvxssruwwhuplqdovli uhtxluhgiru dsshdudqfhlqvshfwlrq ? ?  wr wr . /dqg3dgsdwwhuq        ' 7[/c ' 7[/c               twr  ?   ? ? ? ? ? ? ? ? u   '  u  ? ? ?   '     ? ?      (    .         + -  $% / 7' 6l]h frgh : )       ) * ,   ? ? ? ?   twr + pd[    3       wr  wr wr twr twr 5 . ? ? ? ? ? ? ? ? ? u  ? ? ? ? ? 7 ? ? ? ? 6 ) 7[/ * 7[/ + 7 ' 7 ' 7[/ ( 7[/ ? ?   ? ?          e   6l]hfrgh $ % ) ( ' &       + - 7 . 7         ( 7[/                          *            f      'lphqvlrqv 9leudwlr qsurrisurgxfwv - 7   . 7   * 7   + 7   d      6l]hfrgh % 7 & 7  ) 7[/ f d e e /dqgvsdfh & $ ( % ** + ' ) & $ % % '? ) + /  k $? w , 3 , 7 5 6 %? (wr*/? +wr./?  5hihuhqfhvl]h 6xssruwlyh7huplqdov %? $? . , , 3 : 6 5 t '? + ) /? & % $ % *+* & ' % $ () 6xssruwlyh7huplqdov  5hihuhqfhvl]h downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) endurance : 125 c 3000 h rated voltage (v.dc) cap. (20 %) (f) case size (mm) size code speci? cation part no. re? ow min. packaging q'ty 0 dl ripple current (100 khz) (+125 c) (ma r.m.s.) esr (100 khz) ( ) tan (120 hz) (+20 c) taping (pcs) +20 c ?40 c 10 220 8 10.2 f 197 0.3 5 0.30 eeetk1a221p (8) 500 330 8 10.2 (f) 197 0.3 5 0.30 eeetk1a331up (8) 500 10 10.2 g 270 0.2 3 0.30 eeetk1a331p (8) 500 470 10 10.2 (g) 270 0.2 3 0.30 eeetk1a471up (8) 500 16 100 8 10.2 f 197 0.3 5 0.23 eeetk1c101p (8) 500 220 8 10.2 (f) 197 0.3 5 0.23 eeetk1c221up (8) 500 10 10.2 g 270 0.2 3 0.23 eeetk1c221p (8) 500 330 10 10.2 (g) 270 0.2 3 0.23 eeetk1c331up (8) 500 25 100 8 10.2 f 197 0.3 5 0.18 EEETK1E101P (8) 500 220 8 10.2 (f) 197 0.3 5 0.18 eeetk1e221up (8) 500 10 10.2 g 270 0.2 3 0.18 eeetk1e221p (8) 500 330 10 10.2 (g) 270 0.2 3 0.18 eeetk1e331up (8) 500 35 47 8 10.2 f 197 0.3 5 0.16 eeetk1v470p (8) 500 100 8 10.2 (f) 197 0.3 5 0.16 eeetk1v101up (8) 500 10 10.2 g 270 0.2 3 0.16 eeetk1v101p (8) 500 220 10 10.2 (g) 270 0.2 3 0.16 eeetk1v221up (8) 500 size code( ) : miniaturization product please refer to the page of ?re? ow pro? le? and ?the taping dimensions?. when requesting vibration-proof product, please put the last ?v? instead to ?p? characteristics list mar. 2016 04 downloaded from: http:///
y,i \ rxzdqwwrxvhrxu s urgxfwvghvfulehglq wklvrqolqhfdwdor j irud ss olfdwlrqvuh t xlulq j  v s hfldo t xdolwlhvruuholdelolw \ ruirud ss olfdwlrqvzkhuhwkhidloxuhrupdoixqfwlrqriwkh  s urgxfwvpd \ gluhfwo \  m hr s dugl]hkxpdqolihru s rwhqwldoo \ fdxvh s huvrqdolq m xu \   h j dlufudiwdqgdhurv s dfhh t xl s phqw  wudiilfdqgwudqv s ruwdwlrqh t xl s phqw  frpexvwlrq h t xl s phqw  phglfdoh t xl s phqw  dfflghqw s uhyhqwlrq  dqwlfulphh t xl s phqw  dqgruvdihw \  h t xl s phqw  lwlvqhfhvvdu \ wryhuli \ zkhwkhuwkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfk d ss olfdwlrqv3ohdvhhqvxuhwkdw \ rxzloodvndqgfkhfnzlwkrxulq t xlu \ ghvndvwrzkhwkhu wkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfkd ss olfdwlrqvxvhehiruh \ rxxvhrxu s urgxfwv y7kh t xdolw \ dqg s huirupdqfhrirxu s urgxfwvdvghvfulehglqwklvrqolqhfdwdor j rqo \ d ss o \  wrrxu s urgxfwvzkhqxvhglql vrodwlrq7khuhiruh   s ohdvhhqvxuh \ rxhydoxdwhdqgyhuli \  rxu s urgxfwvxqghuwkhv s hflilfflufxpvwdqfhvlqzklfkrxu s urgxfwvduhdvvhpeohglq \ rxu rzq s urgxfwvdqglqzklfkrxu s urgxfwvzloodfwxdoo \ ehxvhg y,i \ rxxvhrxu s urgxfwvlqh t xl s phqwwkdwuh t xluhvdkl j kgh j uhhriuholdelolw \ uh j dugohvv riwkhd ss olfdwlrq  lwlvuhfrpphqghgwkdw \ rxvhwx s  s urwhfwlrqflufxlwvdqguhgxqgdqf \  flufxlwvlqrughu wrhqvxuhvdihw \ ri \ rxuh t xl s phqw y7kh s urgxfwvdqg s urgxfwv s hflilfdwlrqvghvfulehglqwklvrqolqhfdwdor j duhvxe m hfwwr fkdq j hirulp s uryhphqwzlwkrxw s ulruqrwlfh7khuhiruh   s ohdvhehvxuhwruh t xhvwdqg frqilupwkhodwhvw s urgxfwv s hflilfdwlrqvzklfkh[ s odlqwkhv s hflilfdwlrqvrirxu s urgxfwvlq ghwdlo  ehiruh \ rxilqdol]hwkhghvl j qri \ rxud ss olfdwlrqv   s xufkdvh  ruxvhrxu s urgxfwv y7khwhfkqlfdolqirupdwlrqlqwklvrqolqhfdwdor j  s urylghvh[dp s ohvrirxu s urgxfwv
 w \s lfdor s hudwlrqvdqgd ss olfdwlrqflufxlwv:hgrqrw j xdudqwhhwkhqrqlqiulq j hphqwri wklug s duw \
vlqwhoohfwxdo s ur s huw \ ul j kwvdqgzhgrqrw j udqwdq \ olfhqvh  ul j kw  rulqwhuhvw lqrxulqwhoohfwxdo s ur s huw \  y,idq \ rirxu s urgxfwv   s urgxfwv s hflilfdwlrqvdqgruwhfkqlfdolqirupdwlrqlqwklvrqolqh fdwdor j lvwrehh[ s ruwhgru s urylghgwrqrquhvlghqwv  wkhodzvdqguh j xodwlrqvriwkh h[ s ruwlq j frxqwu \ hv s hfldoo \ zlwkuh j dugwrvhfxulw \ dqgh[ s ruwfrqwuro  vkdooehrevhuyhg y7khvzlwfkryhugdwhirufrp s oldqfhzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrqvydulhv gh s hqglq j rqwkh s duwqxpehuruvhulhvrirxu s urgxfwv y:khq \ rxxvhwkhlqyhqwru \ rirxu s urgxfwviruzklfklwlv xqfohduzkhwkhuwkrvh s urgxfwv duhfrp s oldqwzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrq   s ohdvhvhohfw6dohv,q t xlu \ lqwkh zhevlwhlq t xlu \ irupdqgfrqwdfwxv :hgrqrwwdnhdq \ uhv s rqvlelolw \ iruwkhxvhrirxu s urgxfwvrxwvlghwkhvfr s hriwkh v s hflilfdwlrqv  ghvful s wlrqv   j xlgholqhvdqg s uhfdxwlrqvghvfulehglqwklvrqolqhfdwdor j  *xlgholqhvdqgsuhfdxwlrqvuhjduglqjwkh ghvfulehglqwklvrqolqhfdwdorj 5hjduglqjwkh&huwlilfdwhri&rpsoldqfhzlwk $su whfkqlfdolqirupdwlrqdqgxvhrirxusurgxfwv wkh(85r+6'luhfwlyh5($&+5hjxodwlrqv! downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of EEETK1E101P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X